Part Number Hot Search : 
796MJ D1406 G60CT TLE4286 P6KE68CA STM8330 G5904 AT209SG
Product Description
Full Text Search
 

To Download BL-LS3528A0S1IRBB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd infrared emitting diodes bl-ls3528a0s1ir approved : xu l checked :zhang wh drawn: li fs rev no: v.2 page 1 of 4 www.betlux.com email: sales@betlux.com , betlux@betlux.com features: ? 3.5mmx2.8mm smd, 1.9mm thickn ess plcc2 package, infrared led ? high reliability ? peak wavelength at 940, 880, 850nm ? water clear, yellow transparent, blue transparent available ? ic compatible /low current capability. ? package: 2kpcs/reel. ? rohs compliance ? applications: ? free air transmission system ? infrared remote control units with high power requirement ? smoke detector ? infrared camera ? infrared applied system ? electrical-optical char acteristics: (ta=25c) (test condition: if=50ma) chip forward voltage(vf) unit:v radiant power (mw/sr) part number material ? p (nm) lens type ? ir (vr=5 v, ua ) typ max typ viewi ng angle 2 1/2 (deg) bl-ls3528a0s1irac gaas 940 water clear 50 10 1.40 1.60 30 bl-ls3528a0s1irab gaas 940 blue trans. 50 10 1.40 1.60 30 bl-ls3528a0s1irbc gaalas 880 water clear 50 10 1.70 2.00 30 BL-LS3528A0S1IRBB gaalas 880 blue trans. 50 10 1.70 2.00 30 bl-ls3528a0s1ircc gaalas 850 water clear 50 10 1.70 2.00 50 bl-ls3528a0s1ircb gaalas 850 blue trans. 50 10 1.70 2.00 50 bl-ls3528a0s1ircy gaalas 850 yellow trans. 50 10 1.70 2.00 50 120 ? absolute maximum ratings (ta=25c) parameter rating unit forward current i f 50 ma power dissipation p d 160 mw reverse voltage v r 5 v peak forward current i pf (duty 1/10 @1khz) 250 ma operation temperature t opr -40 to +100 c storage temperature t stg -40 to +100 c lead soldering temperature t sol max.2605c for 3 sec max. (1.6mm from the base of the epoxy bulb) c
smd infrared emitting diodes bl-ls3528a0s1ir approved : xu l checked :zhang wh drawn: li fs rev no: v.2 page 2 of 4 www.betlux.com email: sales@betlux.com , betlux@betlux.com ? package configuration & inte rnal circuit diagram notes: 1. all dimensions are in millimeters (inches) 2. tolerance is 0.25(0. 01")unless otherwise noted. 3. specifications are subject to c hange without notice.
smd infrared emitting diodes bl-ls3528a0s1ir approved : xu l checked :zhang wh drawn: li fs rev no: v.2 page 3 of 4 www.betlux.com email: sales@betlux.com , betlux@betlux.com ? tape specifications smt reflow solding instructions number of reflow process shall be less than 2 times and cooling process to normai temperature is required between first and second soldering process recommended soldering pattern (units:mm) tape specifications (units:mm)
smd infrared emitting diodes bl-ls3528a0s1ir approved : xu l checked :zhang wh drawn: li fs rev no: v.2 page 4 of 4 www.betlux.com email: sales@betlux.com , betlux@betlux.com ? packing and weighting 2000pcs/reel 1 reel/bag maximum 10 bags/inner box 3 inner box/box 9 inner box/box


▲Up To Search▲   

 
Price & Availability of BL-LS3528A0S1IRBB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X